|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MEGA BRIGHT LED BTL-35DRCS-XX-X Product Features Ultra Bright Deep Red Color High Light Output Package Dimension 3X4mm Diameter Elliptical Package Water Clear Lens Highly Reliable IC Compatible Leads with Stand Off Applications Full Color Display Automotive Front panel indicator Special Lighting General Purpose LEDs Tolerance: inch mm Unit: 0.01 0.25 Optical and Electrical Characteristics at Ta=25 Parameter Luminous Intensity Viewing Angle Dominant Wavelength DC Forward Voltage DC Reverse Current Symbol Minimum Iv 21/2 H-H 21/2 V-V 645 0 Typical 200 110 45 652 1.9 Maximum 660 2.5 10 Units mcd deg nm V A Conditions IF = 20mA (Note 1) IF = 20mA IF = 20mA (Note 2) D VF IR IF = 20mA VR=5V Notes: 1. Light intensity measures the light sensing response standard using chromatic meter. Refer to the CIE eye-response curve set by International Lighting committee. Tolerance of minimum and maximum intensity = 15% 2. Wavelength range can be selected from the bin selection table. Tolerance of minimum and maximum = 2nm 3. These products are sensitive to static electricity and care must be fully taken when handling products Page 1 of 3 DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com MEGA BRIGHT LED BTL-35DRCS-XX-X Absolute Maximum Ratings at Ta=25 Symbol PD VR IF IFP Topr Tstg Power Rating Reverse Voltage (IR=10A) Continuous Forward Current Peak Forward Current (0.1 duty cycle @ 1kHz) Operating Temperature Range Storage Temperature Range Parameter Max. 100 5 30 100 -35 ~ + 80 -40 ~ + 100 Unit mW V mA mA Lead Soldering Temperature [1.6mm (0.063inch) from body] 260 - max 5 seconds Wavelength and Brightness Selection BTL-35DRCS-XX-X Wavelength Bin Selection Brightness Bin Selection Bin R3 R4 R5 XX Deep Red (nm) 645~650 650~655 655~660 645~660 Bin G H I Range(mcd) 140~185 185~240 240~310 Packaging Options Standard: 1000 pc bulk pack Optional: Tape and Reel (Please specify when order) Page 2 of 3 DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com MEGA BRIGHT LED BTL-35DRCS-XX-X Typical Electro-Optical Characteristics Curves at Ta=25 BT-Rev. 1.0a Specifications are subject to change without notice. Copyright (c) 2003 Brilliance Technologies Co., Ltd. All rights reserved. Page 3 of 3 DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com |
Price & Availability of BTL-35DRCS-R3-I |